PART |
Description |
Maker |
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
MAX97003 |
High-Efficiency, Low-Noise Audio Subsystem
|
Maxim Integrated Products
|
ACE701430AMH ACE701360AMH ACE701460AMH ACE701330BN |
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
|
ACE Technology Co., LTD.
|
LTC1911-15 LTC1911EMS8-1.5 LTC1911EMS8-1.8 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology
|
LTC3202EMS |
Low Noise/ High Efficiency Charge Pump for White LEDs
|
Linear Technology
|
AAT1147IJS-0.6-T1 |
High Efficiency, Low Noise, Fast Transient 400mA Step-Down Converter
|
Advanced Analog Technology,lnc.
|
AAT1147IJS-0.6-T1 |
High Efficiency, Low Noise, Fast Transient 400mA Step-Down Converter
|
Advanced Analogic Technologies
|
BD8966FVM--TR BD8966FVM10 |
Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
LTC3202 3202F |
125mA Low Noise, High Efficiency Charge Pump for White LEDs From old datasheet system
|
Linear
|